PART |
Description |
Maker |
LTC1742 LTC1742IFW LTC1742CFW LINEARTECHNOLOGYCORP |
1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48 14-Bit, 65Msps Low Noise ADC
|
LINEAR TECHNOLOGY CORP
|
LTC2141-14-15 LTC2142-14-15 |
14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
MAX1418 MAX1418ETN MAX1427 MAX1419 |
15-Bit / 65Msps ADC with -78.2dBFS Noise Floor for IF Applications 15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1419 MAX1419ETN MAX1418 |
15-Bit / 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications 15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AM27C2048-95DI AM27C2048-95LC AM27C2048-95LI AM27C |
100ksps, 12-Bit Serial ADCs in TSOT-23 Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C x16 EPROM x16存储
|
Ironwood Electronics
|
MAX19515 MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products Maxim Integrated Produc...
|
EL2228 |
Dual, Op Amp, 80MHz, AV=1, Low Noise 4.9nV/√Hz, 2.5-12VDC Dual Low Noise Amplifier
|
Intersil Corporation
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC2287 LTC2288 LTC2286 LTC2286CUP LTC2286IUP LTC2 |
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|